Part Number Hot Search : 
74ABT CHD09122 2N515404 IRGBC20S CY6214 IRFI4321 A0809180 7067525
Product Description
Full Text Search
 

To Download SA48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
SA5.0---SA170CA
BREAKDOWN VOLTAGE: 5.0 --- 170 V PEAK PULSE POWER: 500 W
TRANSIENT VOLTAGE SUPPRESSOR
o Plastic package gas Underwriters Laboratory Flammability Classification 94V-0 o Glass passivated junction o 500W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% o Excellent clamping capability o Low incremental surge resistance o Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for uni-directional and 5.0ns for bidirectional types o Typical ID Less than 1 A above 10V o High temperature soldering guaranteed:265 ae 10 seconds, / 0.375"(9.5mm) lead length, 51bs. (2.3kg) tension
DO-15
MECHANICAL DATA
o Case:JEDEC DO-15, molded plastic body over passivated junction o Terminals: Axial leads, solderable per MIL-STD-750, method 2026 o Polarity:Color band denotes positive end (cathode) except bidirectionals o Weight: 0.014 ounces, 0.39 grams o Mounting position: Any
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix. (e.g. SA5.0C, SA170CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25ae ambient temperature unless otherwise specified.
SYMBOL
Peak power power dissipation with a 10/1000s waveform (NOTE 1, FIG.1) Peak pulse current with a 10/1000s waveform (NOTE 1,FIG.3) Steady state power dissipation at TL=75ae lead lengths 0.375"(9.5mm) (NOTE 2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Maximum instantaneous forward voltage at 35A for unidirectional only (NOTE 3) Operating junction and storage temperature range
VALUE
Minimum 500 SEE TABLE 1 1.0 70.0 3.5 -50---+175
UNIT
W A W A V ae
www.galaxycn.com
PPPM IPPM PM(AV) IFSM VF TJ, TSTG
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25ae per Fig. 2 (2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm 2) per Fig. 5 (3) Measured of 8.3ms single half sine-wave or equare wave, duty cycle=4 pulses per minute maximum
Document Number 0285012
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS at(T A=25
Breakdow n voltage V(B R) (Volts ) (NO TE1) MIN
S A 5.0 S A 5.0A S A 6.0 S A 6.0A S A 6.5 S A 6.5A S A 7.0 S A 7.0A S A 7.5 S A 7.5A S A 8.0 S A 8.0A S A 8.5 S A 8.5A S A 9.0 S A 9.0A S A 10 S A 10A S A 11 S A 11A S A 12 S A 12A S A 13 S A 13A S A 14 S A 14A S A 15 S A 15A S A 16 S A 16A S A 17 S A 17A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9
unle ss othe rw ise note d)
Maxim um reverse leakage at VWM ID (NO TE3) ( A)
600 600 600 600 400 400 150 150 50 50 25 25 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
TABLE 1
Maxim um Maxim um clam ping tem perature voltage at coefficient IP P M of V(BR) VC (Volts ) (m V/ )
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 7.0 7.0 7.0 7.0 8.0 8.0 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 16.0 16.0 19.0 17.0 20.0 19.0
Devic e Type
MAX
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9
Test current at IT (m A)
10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM (Volts )
Maxim um peak pulse current IP P M (NO TE 2) (Am ps)
52.1 54.3 43.9 48.5 40.7 44.7 37.6 41.7 35.0 38.8 33.3 36.8 31.4 34.7 29.6 32.5 26.6 29.4 24.9 27.5 22.7 25.1 21.0 23.3 19.4 21.6 18.6 20.5 17.4 19.2 16.4 18.1
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0
www.galaxycn.com
Document Number 0285012
BLGALAXY ELECTRICAL
2.
ELECTRICAL CHARACTERISTICS at(TA=25
Breakdown voltage V(BR) (Volts) (NOTE1) MIN
SA18 SA18A SA20 SA20A SA22A SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4
unless otherwise noted)
Stand-off voltage VWM (Volts)
18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0
TABLE 1(Cont'd)
Device Type
MAX
24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2
Test current at IT (m A)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Maximum peak pulse current IPPM ID (NOTE3) (NOTE 2) (Amps) ( A)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 15.5 17.1 14.0 15.4 22.7 14.1 11.6 12.9 10.7 11.9 10.0 11.0 9.3 10 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3
Maximum reverse leakage at VWM
Maximum Maximum clamping temperature voltage at coefficient IPPM of V(BR) VC(Volts) (m V/ )
32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 21.0 20.0 25.0 23.0 28.0 25.0 31.0 28.0 31.0 30.0 35.0 31.0 39.0 36.0 42.0 39.0 46.0 41.0 51.0 46.0 55.0 50.0 58.0 52.0 63.0 56.0 66.0 61.0 71.0 65.0 78.0 70.0
www.galaxycn.com
Document Number 0285012
BLGALAXY ELECTRICAL
3.
ELECTRICAL CHARACTERISTICS at(T A=25
Breakdown voltage V(BR) (Volts) (NOTE1) MIN
SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
unle ss othe rw ise note d)
Maxim um reverse leakage at VWM ID (NOTE3) ( A)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
TABLE 1(Cont'd)
Maxim um clam ping voltage at IPPM VC(Volts)
107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 230 209 268 243 257 259 304 275
Device Type
MAX
81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 1209
Test current at IT (m A)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM (Volts)
Maxim um peak pulse current IPPM (NOTE 2) (Am ps)
4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.6 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8
Maxim um tem perature coefficient of V(BR) (m V/ )
80.0 71.0 86.0 76.0 94.0 85.0 101 91.0 105 95.0 114 103 121 110 135 123 148 133 162 146 175 158 203 184 217 196 230 208
60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170
NOTES:(1)V(BR) m eas ured after I T applied for 300m s .IT =s quare wave puls e or equivalent (2)Surge current waveform per Fig.3 and derate per Fig.2 (3)For bidirectional types with VWM of 10Volts and les s ,the I D lim it is doubled. (4) All term s and s ym bols are cons is tent with ANSI/IEEE C62.35
www.galaxycn.com
Document Number 0285012
BLGALAXY ELECTRICAL
4.


▲Up To Search▲   

 
Price & Availability of SA48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X